Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVCV2G66DP Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
9 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPLZ and tPHZ.
[6]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD =CPD × VCC2 × fi × N+ Σ{(CL +CS(ON)) × VCC2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS(ON) = maximum ON-state switch capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ{(C
L +CS(ON)) × VCC
2
× f
o} = sum of the outputs.
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nY to nZ or nZ to nY;
see Figure 11
[2][3]
VCC = 2.3 V to 2.7 V
-
0.4
1.2
-
2.0
ns
VCC = 2.7 V
-
0.4
1.0
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
0.3
0.8
-
1.5
ns
VCC = 4.5 V to 5.5 V
-
0.2
0.6
-
1.0
ns
ten
enable time
nE to nY or nZ;
see Figure 12
[4]
VCC = 2.3 V to 2.7 V
1.0
4.7
12
1.0
15
ns
VCC = 2.7 V
1.0
4.4
8.5
1.0
11
ns
VCC = 3.0 V to 3.6 V
1.0
3.8
7.5
1.0
9.5
ns
VCC = 4.5 V to 5.5 V
1.0
2.7
5.0
1.0
6.5
ns
tdis
disable time
nE to nY or nZ;
see Figure 12
[5]
VCC = 2.3 V to 2.7 V
1.0
6.0
16
1.0
20
ns
VCC = 2.7 V
1.0
7.9
15
1.0
19
ns
VCC = 3.0 V to 3.6 V
1.0
6.5
13.5
1.0
17
ns
VCC = 4.5 V to 5.5 V
1.0
4.4
9.0
1.0
11.5
ns
CPD
power dissipation
capacitance
CL =50pF; fi =10MHz;
VI =GND to 5.5 V
[6]
VCC =2.5 V
-
9.7
-
-
-
pF
VCC =3.3 V
-
10.3
-
-
-
pF
VCC =5.0 V
-
11.3
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com