Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401R-E/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6401R-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401R-E/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6401R-E/ST Datasheet HTML 30Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 31Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 32Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 33Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 34Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 35Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 36Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 37Page - Microchip Technology MCP6401R-E/ST Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2010 Microchip Technology Inc.
DS22229B-page 35
MCP6401/1R/1U/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6401T:
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6401RT:
Single Op Amp (Tape and Reel)
(SOT-23)
MCP6401UT:
Single Op Amp (Tape and Reel)
(SOT-23)
MCP6402:
Dual Op Amp
MCP6402T:
Dual Op Amp (Tape and Reel)
(SOIC, 2x3 TDFN)
MCP6404:
Quad Op Amp
MCP6404T:
Quad Op Amp (Tape and Reel)
(SOIC, TSSOP)
Temperature Range:
E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-lead
OT
= Plastic Small Outline Transistor (SOT-23), 5-lead
SN
= Plastic SOIC, (3.90 mm body), 8-lead
MNY* = Plastic Dual Flat, No Lead, (2x3 TDFN), 8-lead
SL
= Plastic SOIC (3.90 mm body), 14-lead
ST
= Plastic TSSOP (4.4mm body), 14-lead
* Y
= Nickel palladium gold manufacturing designator.
Only available on the TDFN package.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6401T-E/LT:
Tape and Reel,
5LD SC70 pkg
b)
MCP6401T-E/OT:
Tape and Reel,
5LD SOT-23 pkg
c)
MCP6401RT-E/OT:
Tape and Reel,
5LD SOT-23 pkg
d)
MCP6401UT-E/OT:
Tape and Reel,
5LD SOT-23 pkg
e)
MCP6402-E/SN:
8LD SOIC pkg
f)
MCP6402T-E/SN:
Tape and Reel,
8LD SOIC pkg
g)
MCP6402T-E/MNY:
Tape and Reel,
8LD 2x3 TDFN pkg
h)
MCP6404-E/SL:
14LD SOIC pkg
i)
MCP6404T-E/SL:
Tape and Reel,
14LD SOIC pkg
j)
MCP6404-E/ST:
14LD TSSOP pkg
k)
MCP6404T-E/ST:
Tape and Reel,
14LD TSSOP pkg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com