Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2331-E/ML Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC18F2331-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331-E/ML Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC18F2331-E/ML Datasheet HTML 68Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 69Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 70Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 71Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 72Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 73Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 74Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 75Page - Microchip Technology PIC18F2331-E/ML Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 72
 2010 Microchip Technology Inc.
EEADR
EEPROM Address Register
0000 0000
EEDATA
EEPROM Data Register
0000 0000
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
IPR3
—
—
—
PTIP
IC3DRIP
IC2QEIP
IC1IP
TMR5IP
---1 1111
PIR3
—
—
—
PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
---0 0000
PIE3
—
—
—
PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
---0 0000
IPR2
OSCFIP
—
—EEIP
—LVDIP
—
CCP2IP
1--1 -1-1
PIR2
OSCFIF
—
—
EEIF
—LVDIF
—
CCP2IF
0--0 -0-0
PIE2
OSCFIE
—
—EEIE
—LVDIE
—
CCP2IE
0--0 -0-0
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
-111 1111
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
ADCON3
ADRS1
ADRS0
—
SSRC4
SSRC3
SSRC2
SSRC1
SSRC0
00-0 0000
ADCHS
GDSEL1
GDSEL0
GBSEL1
GBSEL0
GCSEL1
GCSEL0
GASEL1
GASEL0
0000 0000
TRISE(4)
—
—
—
—
—
PORTE Data Direction Register(4)
---- -111
TRISD(4)
PORTD Data Direction Register
1111 1111
TRISC
PORTC Data Direction Register
1111 1111
TRISB
PORTB Data Direction Register
1111 1111
TRISA
TRISA7(2)
TRISA6(1)
PORTA Data Direction Register
1111 1111
PR5H
Timer5 Period Register High Byte
1111 1111
PR5L
Timer5 Period Register Low Byte
1111 1111
LATE(4)
—
—
—
—
—
LATE Data Output Register
---- -xxx
LATD(4)
LATD Data Output Register
xxxx xxxx
LATC
LATC Data Output Register
xxxx xxxx
LATB
LATB Data Output Register
xxxx xxxx
LATA
LATA7(2)
LATA6(1)
LATA Data Output Register
xxxx xxxx
TMR5H
Timer5 Register High Byte
xxxx xxxx
TMR5L
Timer5 Register Low Byte
xxxx xxxx
PORTE
—
—
—
—RE3(4,5)
RE2(4)
RE1(4)
RE0(4)
---- xxxx
PORTD(4)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
PORTA
RA7(2)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1
PTCKPS0
PTMOD1
PTMOD0
0000 0000
PTCON1
PTEN
PTDIR
—
—
—
—
—
—
00-- ----
PTMRL
PWM Time Base Register (lower 8 bits)
0000 0000
PTMRH
UNUSED
PWM Time Base Register (upper 4 bits)
---- 0000
PTPERL
PWM Time Base Period Register (lower 8 bits)
1111 1111
PTPERH
UNUSED
PWM Time Base Period Register (upper 4 bits)
---- 1111
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented.
Note 1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator modes only and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
These registers and/or bits are not implemented on the PIC18F2331/2431 devices and read as ‘0’.
5:
The RE3 port bit is only available for PIC18F4331/4431 devices when the MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’; otherwise, RE3
reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com