Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-I/P Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16LF720-I/P
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16LF720-I/P Datasheet HTML 31Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 32Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 33Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 34Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 35Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 36Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 37Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 38Page - Microchip Technology PIC16LF720-I/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 35
PIC16F/LF720/721
PCON
8Eh
---- --qq
---- --uu
(1,5)
---- --uu
T1GCON
8Fh
0000 0x00
uuuu uxuu
uuuu uxuu
OSCCON
90h
--10 qq--
--10 qq--
--uu qq--
OSCTUNE
91h
--00 0000
--uu uuuu
--uu uuuu
PR2
92h
1111 1111
1111 1111
uuuu uuuu
SSPADD
93h
0000 0000
0000 0000
uuuu uuuu
SSPMSK
93h
1111 1111
1111 1111
uuuu uuuu
SSPSTAT
94h
0000 0000
0000 0000
uuuu uuuu
WPUB
115h
1111 ----
1111 ----
uuuu ----
WPUA
95h
--11 1111
--11 1111
--uu uuuu
IOCB
116h
0000 ----
0000 ----
uuuu ----
IOCA
96h
--00 0000
--00 0000
--uu uuuu
TXSTA
98h
0000 -010
0000 -010
uuuu -uuu
SPBRG
99h
0000 0000
0000 0000
uuuu uuuu
FVRCON
9Dh
q000 --00
q000 --00
uuuu --uu
ADCON1
9Fh
-000 ----
-000 ----
-uuu ----
PMDATL
10Ch
xxxx xxxx
xxxx xxxx
uuuu uuuu
PMADRL
10Dh
0000 0000
0000 0000
uuuu uuuu
PMDATH
10Eh
--xx xxxx
--xx xxxx
--uu uuuu
PMADRH
10Fh
---0 0000
---0 0000
---u uuuu
ANSELA
185h
---1 -111
---1 -111
---u -uuu
ANSELB
186h
--11 ----
--11 ----
--uu ----
ANSELC
187h
11-- 1111
11-- 1111
uu-- uuuu
PMCON1
18Ch
1000 -000
1000 -000
1000 -000
TABLE 3-6:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on Reset/
Brown-out Reset(1)
MCLR Reset/
WDT Reset
Wake-up from Sleep through
Interrupt/Time-out
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 3-8 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com