Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16LF720-E/SS
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/SS Datasheet(HTML) 3 Page - Microchip Technology

  PIC16LF720-E/SS Datasheet HTML 1Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 2Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 3Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 4Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 5Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 6Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 7Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 8Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 3
PIC16F/LF720/721
Devices Included In This Data Sheet:
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 16 MHz oscillator/clock input
- DC – 250 ns instruction cycle
• Up to 4K x 14 Words of Flash Program Memory
• Up to 256 bytes of Data Memory (RAM)
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
• Processor Self-Write/Read access to Program
Memory
Special Microcontroller Features:
• Precision Internal Oscillator:
- 16 MHz or 500 kHz operation
- Factory calibrated to ±1%, typical
- Software tunable
- Software selectable ÷1, ÷2, ÷4 or ÷8 divider
• Power-Saving Sleep mode
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• In-Circuit Serial ProgrammingTM (ICSPTM) via Two
Pins
• High-Endurance Flash Cell:
- 10,000 write Flash endurance (typical)
- Flash retention: > 40 years
• Wide Operating Voltage Range:
- 1.8V to 5.5V (PIC16F720/721)
- 1.8V to 3.6V (PIC16LF720/721)
Low-Power Features:
• Standby Current:
- 50 nA @ 1.8V, typical
• Operating Current:
-100
A @ 500 kHz, 1.8V, typical
• Low-Power Watchdog Timer Current:
- 500 nA @ 1.8V, typical
Peripheral Features:
• Up to 17 I/O Pins and 1 Input-only Pin:
- High-current source/sink for direct LED drive
- Interrupt-on-pin change
- Individually programmable weak pull-ups
• A/D Converter:
- 8-bit resolution
- 12 channels
- Selectable Voltage reference
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1
- 16-bit timer/counter with prescaler
- External Gate Input mode with toggle and
single shot modes
- Interrupt-on-gate completion
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Capture, Compare, PWM module (CCP)
- 16-bit Capture, max resolution 12.5 ns
- 16-bit Compare, max resolution 250 ns
- 10-bit PWM, max frequency 15 kHz
• Addressable Universal Synchronous
Asynchronous Receiver Transmitter (AUSART)
• Synchronous Serial Port (SSP)
- SPI (Master/Slave)
-I2CTM (Slave) with Address Mask
• PIC16F720
• PIC16LF720
• PIC16F721
• PIC16LF721
20-Pin Flash Microcontrollers with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com