Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM16LE Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSM16LE
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM16LE Datasheet(HTML) 2 Page - Schurter Inc.

  MSM16LE Datasheet HTML 1Page - Schurter Inc. MSM16LE Datasheet HTML 2Page - Schurter Inc. MSM16LE Datasheet HTML 3Page - Schurter Inc. MSM16LE Datasheet HTML 4Page - Schurter Inc. MSM16LE Datasheet HTML 5Page - Schurter Inc. MSM16LE Datasheet HTML 6Page - Schurter Inc. MSM16LE Datasheet HTML 7Page - Schurter Inc. MSM16LE Datasheet HTML 8Page - Schurter Inc. MSM16LE Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
1
Description
Both the housing and the actuator of the vandal-proof MSM switch are made of high-quality stainless
steel. Use of this stable and weather-resistant material means that the switch is particularly suitable
for use in harsh environments. The MSM is available with mounting diameters of 16, 19, 22 and
30mm. Different types of contact cover a permissible switching voltage range from 5 to 250 V AC, and
switching currents are permissible from 0.1 to 10 Ampere. The MSM is equipped with flat-pin plugs to
permit fast connection. The cables are plugged onto the micro switch, and this is subsequently
plugged onto the previously screwed-in switch. Point and ring-illuminated versions are available for
applications at night or as an optical status display.
2
Data and dimensional drawings
Technical data
Micro switch for
electrical rating
0.1 A
30 V DC
5 A
125 VAC
3 A
250 VAC
10 A
250 V AC
Electrical data
Contact material
Gold
Silver
Silver
Switching voltage max. (V)
30
125 / 250
250
Switching voltage min. (V)
3
5
5
Switching current max.
(A)
0.1
5 / 3
10
Rated braking capacity
(W)
3
1250
2500
Lifetime (rated braking capacity )
200,000
200,000
50,000
Lifetime (160 mA at 48 V DC)
1,500,000
Initial contact resistance, new
< 50 mOhm
< 30 mOhm
< 30 mOhm
Initial contact resistance
after 1 million cycles
< 150 mOhm
< 90 mOhm
< 90 mOhm
Insulation resistance (IEC 512-2)
> 100,000 kOhm
> 100,000 kOhm
> 100,000 kOhm
Contact bounce time
< 5 ms
< 5 ms
< 5 ms
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
2 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com