Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM22 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSM22
Description  Snap-in switch for switches PSE, MSM and MCS 30
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22 Datasheet(HTML) 2 Page - Schurter Inc.

  MSM22 Datasheet HTML 1Page - Schurter Inc. MSM22 Datasheet HTML 2Page - Schurter Inc. MSM22 Datasheet HTML 3Page - Schurter Inc. MSM22 Datasheet HTML 4Page - Schurter Inc. MSM22 Datasheet HTML 5Page - Schurter Inc. MSM22 Datasheet HTML 6Page - Schurter Inc. MSM22 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Änderungen, die dem technischen Fortschritt dienen, bleiben vorbehalten
Seite
Erstelldatum:
Ersteller:
Änderungsdatum:
Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
2 of 7
29.09.2005
Birmelin
17.01.07
Birmelin
9353
105.9511
c
Print date: 17.01.07 14:27
1
PRODUCT DESCRIPTION
The advantage of the switches with snap-in mounting is that the switches can be assembled from the
front side of the equipment without additional fastening from the rear side. Due to this method of
mounting, the metal switches can be used in applications with limited assembly space or where the
access to the rear side of the housing is not possible. This means that the switches can adapt where
conventional switches will not be applied.
Furthermore, this type of mounting realizes cost savings by a significant reduction of assembly time.
The assembly becomes effective by the force fitting of the switch into the drilling hole, whereas the O-
Ring will be displaced. After inserting the switch through the drilling hole, the O-Ring expands and the
switch is fixed in the drilling hole. It must be pointed out that the panel cut-out is without flash and the
set-up of the drilling diameter has to lie in a minimum range of tolerance (+ 0.15 mm to the nominal
drilling diameter), so that a protective position of the switch can be guaranteed. Also the thickness of
the front panel is important as the position of the switch is determined by the panel thickness. By
using sharp objects the switch can be released from the front panel. Therefore, switches with such an
assembling technique are only suitable to a minimum extent in applications which are exposed to
vandalism.
2
DATA AND DIMENSIONAL DRAWINGS
2.1
Technical Data
The technical data for the assembling of the snap-in switches is listed in this section. The mechanical,
electrical and climatical features of the used switches are described in their particular product
manuals.
Mounting Diameter
[mm]
19, 22, 24, 27, 30
Standard Front Panel
Thickness
[mm]
1.5; 2.0; 2.5; 3.0
Assembly Force
[N]
50 - 100
Drilling Tolerance
[mm]
max. + 0.15
Panel cut-out without flash
Torsion Protection
without Torsion Protection
If the switch is assembled in right direction,
lettered switches can be used.
ESD-Protection
In combination with a coated or anodised surface of the front
panel the ESD protection cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com