Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM30DPST Datasheet(PDF) 14 Page - Schurter Inc.

Part # MSM30DPST
Description  Vandal-proof MSM DP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM30DPST Datasheet(HTML) 14 Page - Schurter Inc.

Back Button MSM30DPST Datasheet HTML 9Page - Schurter Inc. MSM30DPST Datasheet HTML 10Page - Schurter Inc. MSM30DPST Datasheet HTML 11Page - Schurter Inc. MSM30DPST Datasheet HTML 12Page - Schurter Inc. MSM30DPST Datasheet HTML 13Page - Schurter Inc. MSM30DPST Datasheet HTML 14Page - Schurter Inc. MSM30DPST Datasheet HTML 15Page - Schurter Inc. MSM30DPST Datasheet HTML 16Page - Schurter Inc. MSM30DPST Datasheet HTML 17Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
14 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00
Lettering Size
MSM 19 LE / MSM 19 PI :
Single characters:
height 8 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters
height 3 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters:
height 2.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052):
capitals height 8 mm, font: True Type, Symbol
MSM 22 LE / MSM 22 PI :
Single characters:
height 8 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters
height 3 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters:
height 2.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052):
capitals height 8 mm, font: True Type, Symbol
MSM 30 LE / MSM 30 PI :
Single characters:
height 12 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters:
height 7 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters:
height 3.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052):
capitals height 12 mm, font: True Type, Symbol
MSM 19 RI * / MSM 22 RI *:
Single characters:
height 5 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters
height 3 mm, font: Helvetica normal DIN1451-1E
Symbols (indices 037-052):
capitals height 5 mm, font: True Type, Symbol
MSM 30 RI *:
Single characters:
height 8 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters:
height 3 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters:
height 2.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052):
capitals height 8 mm, font: True Type, Symbol
* At a minimum order quantity of 100 pieces the ring illuminated version with lettering is available
on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com