Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602Q Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602Q
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602Q Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMP8602Q Datasheet HTML 16Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 17Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 18Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 19Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 20Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 21Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 22Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 23Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADVANCED BATTERY CHARGER APPLICATION
The above circuit can be used to realize an advanced battery
charger that has the capability to monitor the exact net current
that flows in and out the battery as show in Figure 12. The
output signal of the LMP8602/LMP8602Q/LMP8603/LM-
P8603Q is digitized with the A/D converter and used as an
input for the charge controller. The charge controller can be
used to regulate the charger circuit to deliver exactly the cur-
rent that is required by the load, avoiding overcharging a fully
loaded battery.
30083403
K2 = 5 for LMP8602
K2 = 10 for LMP8603
FIGURE 12. Advanced Battery Charger Application
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com