Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5367 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5367
Description  High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5367 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5367 Datasheet HTML 1Page - Micrel Semiconductor MIC5367 Datasheet HTML 2Page - Micrel Semiconductor MIC5367 Datasheet HTML 3Page - Micrel Semiconductor MIC5367 Datasheet HTML 4Page - Micrel Semiconductor MIC5367 Datasheet HTML 5Page - Micrel Semiconductor MIC5367 Datasheet HTML 6Page - Micrel Semiconductor MIC5367 Datasheet HTML 7Page - Micrel Semiconductor MIC5367 Datasheet HTML 8Page - Micrel Semiconductor MIC5367 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5367/8
June 2010
3
M9999-060110-A
Ordering Information
Part Number
(1)
Marking
Code
Output
Voltage
Temperature Range
Package
(2)
Lead Finish
(3)
MIC5367-1.2YMT
674
1.2V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Pb-Free
MIC5367-1.5YMT
F67
1.5V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Pb-Free
MIC5367-3.3YMT
67S
3.3V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Pb-Free
MIC5368-1.2YMT*
684
1.2V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Pb-Free
MIC5368-1.5YMT*
F68
1.5V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Pb-Free
MIC5368-3.3YMT*
68S
3.3V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Pb-Free
Notes:
1.
Other voltages available. Contact Micrel for details.
2.
Thin MLF
® ▲ = Pin 1 identifier.
3.
Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
*
MIC5368 offers Auto-Discharge function.
Pin Configuration
6-Pin 1.6mm x 1.6mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable Input: Active High. High = ON; Low = OFF. Do not leave floating.
2
GND
Ground.
3
VIN
Supply Input.
4
VOUT
Output Voltage.
5
NC
No Connect (Not internally connected).
6
NC
No Connect (Not internally connected).
EP
HS Pad
Exposed Heatsink Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com