Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15SRBX8-R Datasheet(PDF) 3 Page - Tyco Electronics

Part # 15SRBX8-R
Description  CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15SRBX8-R Datasheet(HTML) 3 Page - Tyco Electronics

  15SRBX8-R Datasheet HTML 1Page - Tyco Electronics 15SRBX8-R Datasheet HTML 2Page - Tyco Electronics 15SRBX8-R Datasheet HTML 3Page - Tyco Electronics 15SRBX8-R Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CORCOM SRB Series
Power Line Filter with
Slide-in Mounting Style
STANDARDS AND SPECIFICATIONS
Part No.
A
B
C
D
E
(max.)
(max.)
(max.)
(max.)
± .005
± .127
15SRBX8
.95
1.11
.96
1.41
.039
24.1
28.2
24.4
35.8
1.0
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
UL Recognized for 15 Amps at 250V
RoHS Compliant
CSA Certified for 15 Amps at 250V
VDE Approved for 10 Amps at 250V
Case Dimensions:
Typical Dimensions:
Style 8 wire leads: 4.0 [
101.6] min. 1-15A, 18AWG
PRODUCT DIMENSIONS AND PART NUMBERS
15SRBX8
15SRBY8*
15SRBX8-Q
15SRBY8-Q*
15SRBX8-R
15SRBY8-R*
15SRBX8-S
15SRBY8-S*
15SRBX8-T
15SRBY8-T*
15SRBX8-W
15SRBY8-W*
15SRBX8-X
15SRBY8-X*
*Coming soon
ELECTRICAL SCHEMATIC
Jacket Flange
Cover
Panel Cutout
Acceptable Panel Thickness: .039
± .005
Panel
R .15 max
1.066
± .005
.722
min
.836
min
A
E
C
B D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com