Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5596-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UR5596-S08-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UR5596-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 9Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 10Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UR5596
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R502-045,C
TYPICAL APPLICATION CIRCUITS
Following demonstrate several different application circuits to illustrate some of the options that are possible in
configuring the UTC UR5596. The individual circuit performance can be found in the Typical Performance
Characteristics that curve graphs illustrate how the maximum output current is affected by changes in AVIN and PVIN.
STUB-SERIES TERMINATED LOGIC(SSTL) TERMINATION SCHEME
SSTL was created to improve signal integrity of the data transmission across the memory bus. This termination
scheme is essential to prevent data error from signal reflections while transmitting at high frequencies encountered
with DDR-SDRAM. Class II single parallel termination(SSTL-2) is the most popular termination form. It involves one
RS series resistor from the chipset to the memory and one RT termination resistor (refer to Figure 1). RS and RT are
changeable to meet the current requirement from UR5596, the recommended values both RS and RT are 25Ω.
Figure 1. SSTL-Termination Scheme
FOR SSTL-2 APPLICATIONS
For the majority of applications that implement the SSTL- 2 termination scheme, it is recommended to connect all
the input rails to the 2.5V rail as Figure 2. This provides an optimal trade-off between power dissipation and
component count and selection.
+
+
+
VTT
VDDQ
VSENSE
VREF
GND
SHDN
AVIN
PVIN
CIN
SHDN
VDDQ=2.5V
VDD=2.5V
COUT
CREF
VREF=1.25V
VTT=1.25V
UTC UR5596
Figure 2. Recommended SSTL-2 Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com