Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6225L-XX-AF5-F-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR6225L-XX-AF5-F-R
Description  POSITIVE VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AF5-F-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR6225L-XX-AF5-F-R Datasheet HTML 1Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 2Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 3Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 4Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 5Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 16
www.unisonic.com.tw
QW-R502-030,R
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
12
3
UR6225
Date Code
L: Lead Free
G: Halogen Free
Voltage Code
SOT-25
32
1
F2XX
5
4
Voltage Code
L: Lead Free
G: Halogen Free
Pin Code
SOT-23
F2XX
1
2
3
Voltage Code
L: Lead Free
G: Halogen Free
TO-92
12:1.2V
13:1.3V
15:1.5V
18:1.8V
20:2.0V
21:2.1V
25:2.5V
26:2.6V
27:2.7V
28:2.8V
2J:2.85V
30:3.0V
33:3.3V
35:3.5V
36:3.6V
38:3.8V
40:4.0V
45:4.5V
50:5.0V
60:6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com