Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711SEDS/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8711SEDS/R
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711SEDS/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8711SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.4 April 2007
17
AUDIO SIGNAL PATH
DAC FILTERS
The DAC filters perform true 24 bit signal processing to convert the incoming digital audio data from
the digital audio interface at the specified sample rate to multi-bit oversampled data for processing by
the analogue DAC. Figure 6 illustrates the DAC digital filter path.
FROM DIGITAL
AUDIO
INTERFACE
MUTE
DIGITAL
INTERPOLATION
FILTER
TO LINE
OUTPUTS
DIGITAL
DE_EMPHASIS
DEEMP
DACMU
Figure 6 DAC Filter Schematic
The DAC digital filter can apply digital de-emphasis under software control, as shown in Table 3. The
DAC can also perform a soft mute where the audio data is digitally brought to a mute level. This
removes any abrupt step changes in the audio that might otherwise result in audible clicks in the
audio outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
DEEMP[1:0]
00
De-emphasis Control
(Digital)
11 = 48kHz
10 = 44.1kHz
01 = 32kHz
00 = Disable
0000101
Digital Audio
Path Control
3
DACMU
1
DAC Soft Mute Control
(Digital)
1 = Enable soft mute
0 = Disable soft mute
Note 1
Table 3 DAC Software Control
Note 1
Not valid when SR[3:0] = 1111 or 0111.
To ensure correct DACMU operation at fs = 88.2kHz, set SR[3:0] = 1000.
To ensure correct DACMU operation at fs = 96kHz, set SR[3:0] = 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com