Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040B Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST25VF040B
Description  4 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST25VF040B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF040B Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
21
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the devices as
SST25VF040B and manufacturer as SST. This command
is backward compatible to all SST25xFxxxA devices and
should be used as default device identification when multi-
ple versions of SPI Serial Flash devices are used in a
design. The device information can be read from executing
an 8-bit command, 90H or ABH, followed by address bits
[A23-A0]. Following the Read-ID instruction, the manufac-
turer’s ID is located in address 00000H and the device ID is
located in address 00001H. Once the device is in Read-ID
mode, the manufacturer’s and device ID output data tog-
gles between address 00000H and 00001H until termi-
nated by a low to high transition on CE#.
Refer to Tables 6 and 7 for device identification data.
FIGURE 21: Read-ID Sequence
1295 RdID.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: The manufacturer's and device ID output stream is continuous until terminated by a low to high transition on CE#.
Device ID = 8DH for SST25VF040B
1. 00H will output the manfacturer's ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB
TABLE
7: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF040B
00001H
8DH
T7.0 1295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com