Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST39LF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF010 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST39LF010 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST39LF010 Datasheet HTML 24Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
21
©2010 Silicon Storage Technology, Inc.
S71150-14-000
01/10
PACKAGING DIAGRAMS
FIGURE 21: 32-lead Plastic Lead Chip Carrier (PLCC)
SST Package Code: NH
FIGURE 22: 48-ball Thin-profile, Fine-pitch Ball Grid Array (TFBGA) 6mm x 8mm
SST Package Code: B3K
.040
.030
.021
.013
.530
.490
.095
.075
.140
.125
.032
.026
.032
.026
.029
.023
.453
.447
.553
.547
.595
.585
.495
.485
.112
.106
.042
.048
.048
.042
.015 Min.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
232
.400
BSC
32-plcc-NH-3
Note: 1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (max/min).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches.
4. Coplanarity: 4 mils.
.050
BSC
.050
BSC
Optional
Pin #1
Identifier
.020 R.
MAX.
R.
x 30˚
A1 CORNER
H G F E D C B A
A B C D E F G H
BOTTOM VIEW
TOP VIEW
SIDE VIEW
6
5
4
3
2
1
6
5
4
3
2
1
SEATING PLANE
0.35 ± 0.05
1.10 ± 0.10
0.12
6.00 ± 0.20
0.45 ± 0.05
(48X)
A1 CORNER
8.00 ± 0.20
0.80
4.00
0.80
5.60
48-tfbga-B3K-6x8-450mic-4
Note:
1. Complies with JEDEC Publication 95, MO-210, variant 'AB-1', although some dimensions may be more stringent.
2. All linear dimensions are in millimeters.
3. Coplanarity: 0.12 mm
4. Ball opening size is 0.38 mm (± 0.05 mm)
1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com