Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TMX
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3535TMX Datasheet HTML 10Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 11Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 12Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 13Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 14Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 15Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 16Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 17Page - National Semiconductor (TI) LM3535TMX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
different zone brightness registers (Addresses 0x70 to
0x74).
•
ALS-EN: Enables ALS monitoring. Writing a '1' enables
the ALS monitoring circuitry and a '0' disables it. This
feature can be enabled without having the current sinks or
charge pump active. The ALS value is updated in register
0x40 (ALS Zone Register)
•
ALSF: ALS Interrupt Enable. Writing a '1' sets the D1B/INT
pin to the ALS interrupt pin and writing a '0' (default) sets
the pin to a BankB current sink.
30082406
FIGURE 6. Options Register
Internal Hex Address: 0x30
•
RD0-RD2: Diode Current Ramp Down Step Time. : ‘000’
= 6µs, ‘001’ = 0.77ms, ‘010’ = 1.5ms, ‘011’ = 3ms, ‘100’ =
6ms, ‘101’ = 12ms, ‘110’ = 25ms, ‘111’ = 50ms
•
RU0-RU2: Diode Current Ramp Up Step Time. : ‘000’ =
6µs, ‘001’ = 0.77ms, ‘010’ = 1.5ms, ‘011’ = 3ms, ‘100’ =
6ms, ‘101’ = 12ms, ‘110’ = 25ms, ‘111’ = 50ms
•
GT0-GT1: Gain Transition Filter. The value stored in this
register determines the filter time used to make a gain
transition in the event of an input line step. Filter Times =
‘00’ = 3-6ms, ‘01’ = 0.8-1.5ms, ‘10’ = 20µs, On
LM3535-2ALS, '11' = 1µs, On LM3535, ‘11’ = DO NOT
USE
The Ramp-Up and Ramp-Down times follow the following
equations: T
RAMP = (NStart - NTarget) × Ramp-Step Time
30082409
30082410
30082414
FIGURE 7. Brightness Control Register Description
Internal Hex Address: 0xA0 (GroupA), 0xB0 (GroupB),
0xC0 (GroupC)
Note: DxA6-DxA0:
Sets
Brightness
for
DxA
pins
(GroupA).
1111111=Fullscale. Code '0' in this register disables the BankA cur-
rent sinks.
DxB2-DxB0: Sets Brightness for DxB pins (GroupB). 111=Fullscale
ALSZT2-ALSZT0: Sets the Brightness Zone boundary used to enable
and disable BankB diodes based upon ambient lighting conditions.
DxC2-DxC0: Sets Brightness for D1C pin. 111 = Fullscale
The BankA Current can be approximated by the following equation
where N = BRC = the decimal value stored in either the BankA Bright-
ness Register or the five different ALS Zone Brightness Registers:
30082418
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com