Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82625 Datasheet(PDF) 2 Page - EPCOS

Part # B82625
Description  Power line chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82625 Datasheet(HTML) 2 Page - EPCOS

  B82625_10 Datasheet HTML 1Page - EPCOS B82625_10 Datasheet HTML 2Page - EPCOS B82625_10 Datasheet HTML 3Page - EPCOS B82625_10 Datasheet HTML 4Page - EPCOS B82625_10 Datasheet HTML 5Page - EPCOS B82625_10 Datasheet HTML 6Page - EPCOS B82625_10 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC/350 V DC
Rated current 1 A to 5 A
Rated inductance 0.25 mH to 5.0 mH
Construction
■
Ring core double choke
■
Iron powder core
■
Polycarbonate case (UL 94 V-0)
■
Polyurethane potting (UL 94 V-0)
■
Sector winding
Features
■
High suppression of differential-mode
interferences at low frequencies
■
Approx. 50% of rated inductance
for common-mode interference suppression
■
High thermal stability due to complete potting
■
Suitable for wave soldering
■
Design complies with EN 60938-2 (VDE 0565-2)
■
VDE approval
■
RoHS-compatible
Applications
■
Suppression of differential-mode
and common-mode interferences
■
Filter circuits in switch-mode applications
■
Power factor correction (PFC)
■
Reduction of harmonics in consumer goods
Terminals
■
Base material CuNi18Zn20
■
Layer composition Ni, Sn
■
Hot-dipped
■
Pins 1.0
× 1.0 (mm)
■
Lead spacing 15
× 40 (mm)
Marking
Manufacturer, ordering code, rated current, rated voltage,
graphic symbols, rated inductance, date of manufacture (YYWWD)
Delivery mode
Blister tray in cardboard box
B82625
Power line chokes
Ring core chokes with iron powder core



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com