Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82801C Datasheet(PDF) 2 Page - EPCOS

Part # B82801C
Description  Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801C Datasheet(HTML) 2 Page - EPCOS

  B82801C Datasheet HTML 1Page - EPCOS B82801C Datasheet HTML 2Page - EPCOS B82801C Datasheet HTML 3Page - EPCOS B82801C Datasheet HTML 4Page - EPCOS B82801C Datasheet HTML 5Page - EPCOS B82801C Datasheet HTML 6Page - EPCOS B82801C Datasheet HTML 7Page - EPCOS B82801C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Inductors
SMT current sense transformers, EE 12.6
B82801C
EPCOS HO PD
2009-08-14
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document
.
Applications
Switching power supplies
Sensing and monitoring continuous currents
to <40 A in analog systems
Frequency range: 50 kHz … 500 kHz
Features
Very low DC resistance
Different turns ratios
RoHS-compatible
Marking
Four digits from the middle block of ordering code
Delivery mode and packing unit
32-mm blister tape, 330-mm Ø reel
Carton packaging
Packing units:
200 pcs./reel, 800 pcs./carton



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com