Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC46BT-E/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 93LC46BT-E/SN
Description  1K Microwire Compatible Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46BT-E/SN Datasheet(HTML) 4 Page - Microchip Technology

  93LC46BT-E/SN Datasheet HTML 1Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 2Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 3Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 4Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 5Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 6Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 7Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 8Page - Microchip Technology 93LC46BT-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
DS21749H-page 4
 2010 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
All parameters apply over the specified
ranges unless otherwise noted.
Industrial (I):
TA = -40°C to +85°C, VCC = +1.8V TO +5.5V
Automotive (E): TA = -40°C to +125°C, VCC = +2.5V TO +5.5V
Param.
No.
Symbol
Parameter
Min.
Max.
Units
Conditions
A1
FCLK
Clock frequency
—
3
2
1
MHz
MHz
MHz
4.5V
VCC  5.5V, 93XX46C only
2.5V
VCC  5.5V
1.8V
VCC 2.5V
A2
TCKH
Clock high time
200
250
450
—ns
ns
ns
4.5V
VCC  5.5V, 93XX46C only
2.5V
VCC  5.5V
1.8V
VCC 2.5V
A3
TCKL
Clock low time
100
200
450
—ns
ns
ns
4.5V
VCC  5.5V, 93XX46C only
2.5V
VCC  5.5V
1.8V
VCC 2.5V
A4
TCSS
Chip Select setup time
50
100
250
—ns
ns
ns
4.5V
VCC  5.5V
2.5V
VCC  4.5V
1.8V
VCC 2.5V
A5
TCSH
Chip Select hold time
0
—
ns
1.8V
VCC 5.5V
A6
TCSL
Chip Select low time
250
—
ns
1.8V
VCC 5.5V
A7
TDIS
Data input setup time
50
100
250
—ns
4.5V
VCC  5.5V, 93XX46C only
2.5V
VCC  5.5V
1.8V
VCC 2.5V
A8
TDIH
Data input hold time
50
100
250
—ns
4.5V
VCC  5.5V, 93XX46C only
2.5V
VCC  5.5V
1.8V
VCC 2.5V
A9
TPD
Data output delay time
—
—
—
200
250
400
ns
4.5V
VCC  5.5V, CL = 100 pF
2.5V
VCC  4.5V, CL = 100 pF
1.8V
VCC 2.5V, CL = 100 pF
A10
TCZ
Data output disable time
—
—
100
200
ns
4.5V
VCC 5.5V, (Note 1)
1.8V
VCC  4.5V, (Note 1)
A11
TSV
Status valid time
—
200
300
500
ns
4.5V
VCC  5.5V, CL = 100 pF
2.5V
VCC  4.5V, CL = 100 pF
1.8V
VCC 2.5V, CL = 100 pF
A12
TWC
Program cycle time
—
6
ms
Erase/Write mode (AA and LC
versions)
A13
TWC
—
2
ms
Erase/Write mode (93C versions)
A14
TEC
—
6
ms
ERAL mode, 4.5V
 VCC  5.5V
A15
TWL
—
15
ms
WRAL mode, 4.5V
 VCC  5.5V
A16
—
Endurance
1M
—
cycles 25°C, VCC = 5.0V, (Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This application is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model, which may be obtained from Microchip’s web
site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com