Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES150XSMD Datasheet(PDF) 2 Page - EPCOS

Part # ES150XSMD
Description  Surge arrester 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ES150XSMD Datasheet(HTML) 2 Page - EPCOS

  ES150XSMD Datasheet HTML 1Page - EPCOS ES150XSMD Datasheet HTML 2Page - EPCOS ES150XSMD Datasheet HTML 3Page - EPCOS ES150XSMD Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X6381T902
2-electrode arrester
ES150XSMD
KB AB E / KB AB PM
Issue 01 / 2006-11-23
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Extremely small size
Stable performance over life
Extremely low capacitance
High insulation resistance
RoHS-compatible
Modem
XDSL-splitter
Tuner
Data lines
Antenna
Electrical specifications
DC spark-over voltage
1) 2)
150
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 500
< 450
< 600
< 550
V
V
V
V
Service life
10 operations
8/20 µs
2.5
kA
1 operation
8/20 µs
5
kA
Insulation resistance at 100 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
< 0.5
~ 40
V
A
V
Weight
~ 0.3
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, red positive
ES 150 YY O
ES
- Series
150
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com