Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES400XSMD Datasheet(PDF) 2 Page - EPCOS

Part # ES400XSMD
Description  Surge arrester 2-electrode arrester
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ES400XSMD Datasheet(HTML) 2 Page - EPCOS

  ES400XSMD Datasheet HTML 1Page - EPCOS ES400XSMD Datasheet HTML 2Page - EPCOS ES400XSMD Datasheet HTML 3Page - EPCOS ES400XSMD Datasheet HTML 4Page - EPCOS ES400XSMD Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surge arrester
B88069X5591T902
2-electrode arrester
ES400XSMD
KB AB E / KB AB PM
Issue 02 / 2007-01-12
Please read Cautions and warnings and
Page 2 of 5
Important notes at the end of this document.
Features
Applications
Extremely small size
Extremely fast response time
Stable performance over life
Extremely low capacitance
High insulation resistance
Excellent SMD handling
RoHS-compatible
Modem
Consumer electronics
Tuner
Electrical specifications
DC spark-over voltage
1) 2)
400
± 15
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 800
< 750
< 1000
< 850
V
V
V
V
Service life
10 operations
50 Hz; 1 s
2.5
A
10 operations
8/20 µs
2.5
kA
1 operation
8/20 µs
5
kA
Insulation resistance at 100 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 11
< 0.5
~ 80
V
A
V
Weight
~ 1
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, red negative
ES 400 YY O
ES
- Series
400
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com