Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5910 Datasheet(PDF) 2 Page - EPCOS

Part # B5910
Description  PTC thermistors as inrush current limiters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5910 Datasheet(HTML) 2 Page - EPCOS

  B5910 Datasheet HTML 1Page - EPCOS B5910 Datasheet HTML 2Page - EPCOS B5910 Datasheet HTML 3Page - EPCOS B5910 Datasheet HTML 4Page - EPCOS B5910 Datasheet HTML 5Page - EPCOS B5910 Datasheet HTML 6Page - EPCOS B5910 Datasheet HTML 7Page - EPCOS B5910 Datasheet HTML 8Page - EPCOS B5910 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Applications
Inrush current limiter (charging resistor) for
smoothing and DC link capacitors
To replace high-power fixed resistors for
capacitor charging
Features
Self-protecting in case of malfunction of
short-circuit relay or internal short circuit of
capacitor
Encased thermistor disk with clamp contacts
for high reliability
For high pulse currents and a high number of
operating cycles
Inrush current limiters are not damaged
when directly connected to Vmax even without
additional current limitation
Flame-retardant plastic case
Case material UL-listed
Sn-plated lead-free solder pins
Manufacturer's logo and type designation
stamped on in white
RoHS-compatible
Delivery mode
Packed in carton box
Dimensional drawing
Dimensions in mm
General technical data
Operating cycles at Vmax
(charging of capacitor)
Nc
> 100000
cycles
Switching cycles at Vmax
(failure mode)
Nf
> 10
cycles
Thermal cooling time constant
(typical)
τ
th
150
s
Heat capacity
(typical)
Cth
2.3
J/K
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax)
Top
20/+85
°C
Electrical specifications and ordering codes
Type
Vmax
V AC
Vlink,max
V DC
RR
Ω
∆R
R
%
Tref
(typ.)
°C
Ordering code
J105
260
360
22
25
130
B59105J0130A020
J107
440
620
56
25
130
B59107J0130A020
J109
560
800
100
25
130
B59109J0130A020
Inrush current limiters
PTC thermistors in phenolic resin plastic case
Page 2 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com