Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S4BA-MU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM3S4BA-MU
Description  AT91 ARM Cortex M3-based Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S4BA-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM3S4BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 2Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
2
6500AS–ATARM–11-Dec-09
SAM3S Summary
1.
SAM3S Description
Atmel's SAM3S series is a member of a family of Flash microcontrollers based on the high per-
formance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 64 MHz
and features up to 256 Kbytes of Flash and up to 48 Kbytes of SRAM. The peripheral set
includes a Full Speed USB Device port with embedded transceiver, a High Speed MCI for
SDIO/SD/MMC, an External Bus Interface featuring a Static Memory Controller providing con-
nection to SRAM, PSRAM, NOR Flash, LCD Module and NAND Flash, 2x USARTs, 2x UARTs,
2x TWIs, 3x SPI, an I2S, as well as 1 PWM timer, 6x general-purpose 16-bit timers, an RTC, a
ADC, a 12-bit DAC and an analog comparator.
The SAM3S series is ready for capacitive touch thanks to the QTouch library, offering an easy
way to implement buttons, wheels and sliders
The SAM3S device is a medium range general purpose microcontroller with the best ratio in
terms of reduced power consumption, processing power and peripheral set. This enables the
SAM3S able to sustain a wide range of applications including consumer, industrial control, and
PC peripherals.
It operates from 1.62V to 3.6V and is available in 48-, 64- and 100-pin QFP, 48- and 64-pin
QFN, and 100-pin BGA packages.
The SAM3S series is the ideal migration path from the SAM7S series for applications that
require more performance. The SAM3S series is pin-to-pin compatible with the SAM7Sseries.
1.1
Configuration Summary
The SAM3S series devices differ in memory size, package and features list. Table 1-1 below
summarizes the configurations of the device family
Note:
1. Full Modem support on USART1.
Table 1-1.
Configuration Summary
Device
Flash
SRAM
Timer
Counter
Channels
GPIOs
UART/
USARTs
ADC
12-bit
DAC
Output
External Bus
Interface
HSMCI
Package
SAM3S4C
256 Kbytes
single plane
48 Kbytes
6
79
2/2(1)
16 ch.
2
8-bit data,
4 chip selects,
24-bit address
1 port
4 bits
LQFP100
BGA100
SAM3S4B
256 Kbytes
single plane
48 Kbytes
3
47
2/2
10 ch.
2
-
1 port
4 bits
LQFP64
QFN 64
SAM3S4A
256 Kbytes
single plane
48 Kbytes
3
34
2/1
8 ch.
-
-
-
LQFP48
QFN 48
SAM3S2C
128 Kbytes
single plane
32 Kbytes
6
79
2/2(1)
16 ch.
2
8-bit data,
4 chip selects,
24-bit address
1 port
4 bits
LQFP100
BGA100
SAM3S2B
128 Kbytes
single plane
32 Kbytes
3
47
2/2
10 ch.
2
-
1 port
4 bits
LQFP64
QFN 64
SAM3S2A
128 Kbytes
single plane
32 Kbytes
3
34
2/1
8 ch.
-
-
-
LQFP48
QFN 48
SAM3S1C
64 Kbytes
single plane
16 Kbytes
6
79
2/2
(1)
16 ch.
2
8-bit data,
4 chip selects,
24-bit address
1 port
4 bits
LQFP100
BGA100
SAM3S1B
64 Kbytes
single plane
16 Kbytes
3
47
2/2
10 ch.
2
-
1 port
4 bits
LQFP64
QFN 64
SAM3S1A
64 Kbytes
single plane
16 Kbytes
3
34
2/1
8 ch.
-
-
-
LQFP48
QFN 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com