Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S2CA-CU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATSAM3S2CA-CU
Description  AT91 ARM Cortex M3-based Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2CA-CU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATSAM3S2CA-CU Datasheet HTML 24Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 25Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 26Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 27Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 28Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 29Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 30Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 31Page - ATMEL Corporation ATSAM3S2CA-CU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
28
6500AS–ATARM–11-Dec-09
SAM3S Summary
7.5
Master to Slave Access
All the Masters can normally access all the Slaves. However, some paths do not make sense,
for example allowing access from the Cortex-M3 S Bus to the Internal ROM. Thus, these paths
are forbidden or simply not wired and shown as “-” in the following table.
7.6
Peripheral DMA Controller
• Handles data transfer between peripherals and memories
• Low bus arbitration overhead
– One Master Clock cycle needed for a transfer from memory to peripheral
– Two Master Clock cycles needed for a transfer from peripheral to memory
• Next Pointer management for reducing interrupt latency requirement
The Peripheral DMA Controller handles transfer requests from the channel according to the fol-
lowing priorities (Low to High priorities):
Table 7-3.
SAM3S Master to Slave Access
Masters
0
1
2
3
Slaves
Cortex-M3 I/D
Bus
Cortex-M3 S
Bus
PDC
CRCCU
0
Internal SRAM
-
X
X
X
1
Internal ROM
X
-
X
X
2
Internal Flash
X
-
-
X
3
External Bus Interface
-
X
X
X
4
Peripheral Bridge
-
X
X
-
Table 7-4.
Peripheral DMA Controller
Instance Name
Channel T/R
100 & 64 Pins
48 Pins
PWM
Transmit
x
x
TWI1
Transmit
x
x
TWI0
Transmit
x
x
UART1
Transmit
x
x
UART0
Transmit
x
x
USART1
Transmit
x
N/A
USART0
Transmit
x
x
DAC
Transmit
x
N/A
SPI
Transmit
x
x
SSC
Transmit
x
x
HSMCI
Transmit
x
N/A
PIOA
Transmit
x
x
TWI1
Receive
x
x
TWI0
Receive
x
x
UART1
Receive
x
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com