Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF22V10C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF22V10C
Description  High-performance Electrically Erasable Programmable Logic Device
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF22V10C Datasheet HTML 14Page - ATMEL Corporation ATF22V10C Datasheet HTML 15Page - ATMEL Corporation ATF22V10C Datasheet HTML 16Page - ATMEL Corporation ATF22V10C Datasheet HTML 17Page - ATMEL Corporation ATF22V10C Datasheet HTML 18Page - ATMEL Corporation ATF22V10C Datasheet HTML 19Page - ATMEL Corporation ATF22V10C Datasheet HTML 20Page - ATMEL Corporation ATF22V10C Datasheet HTML 21Page - ATMEL Corporation ATF22V10C Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
0735U–PLD–7/10
Atmel ATF22V10C(Q)
14.
Revision History
Doc. Rev.
Date
Comments
0735U
05/2010
Updated C-15 military device I
CC limit
Revised the maximum power supply current in PD mode for commercial- and industrial-grade
devices from 100µA to 500µA and 100µA to 650µA maximum, respectively
C-15 and CQ-15 Commercial part removed from Table 4-1.
Removed Mil from I
CC, C-15 (Ind.) parts
I
CC2 at 15mhz Max changed from 90mA to 125mA
0735T
05/2009
Added military-grade packages and removed leaded parts
0735S
08/2008
Added new green part
0735R
06/2008
Updated Green package options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com