Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/5M Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M16C/5M
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/5M Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M16C/5M Datasheet HTML 29Page - Renesas Technology Corp M16C/5M Datasheet HTML 30Page - Renesas Technology Corp M16C/5M Datasheet HTML 31Page - Renesas Technology Corp M16C/5M Datasheet HTML 32Page - Renesas Technology Corp M16C/5M Datasheet HTML 33Page - Renesas Technology Corp M16C/5M Datasheet HTML 34Page - Renesas Technology Corp M16C/5M Datasheet HTML 35Page - Renesas Technology Corp M16C/5M Datasheet HTML 36Page - Renesas Technology Corp M16C/5M Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 33 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Notes:
1.
The blank areas are reserved. No access is allowed.
2.
Hardware reset, power-on reset, voltage monitor 0 reset, or voltage monitor 2 reset.
3.
Software reset, watchdog timer reset, oscillator stop detect reset, and voltage monitor 2 reset do not affect the
following registers or bit: the VW0C register, and bits VW2C2 and VW2C3 in the VW2C register.
4.
This is the reset value when the LVDAS bit of the OFS1 address is 1 during hardware reset
5.
This is the reset value after voltage monitor 0 reset, power-on reset, or when the LVDAS bit of the OFS1 address is 0
during hardware reset.
6.
This is the reset value after hardware reset, power-on reset, or voltage monitor 0 reset
Table 4.2
SFR Information (2) (1)
Address
Register
Symbol
Reset Value
0020h
0021h
0022h
40 MHz On-Chip Oscillator Control Register 0
FRA0
XXXX XX00b
0023h
0024h
40 MHz On-Chip Oscillator Control Register 2
FRA2
0XX0 X000b
0025h
0026h
Voltage Monitor Function Select Register
VWCE
00h
0027h
0028h
Voltage Detector 2 Level Select Register
VD2LS
0000 0100b (2)
0029h
002Ah
Voltage Monitor 0 Control Register
VW0C
1100 1X10b (3, 4)
1100 1X11b (3, 5)
002Bh
002Ch
Voltage Monitor 2 Control Register
VW2C
1000 0X10b (3, 6)
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com