Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/5M Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # M16C/5M
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/5M Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button M16C/5M Datasheet HTML 101Page - Renesas Technology Corp M16C/5M Datasheet HTML 102Page - Renesas Technology Corp M16C/5M Datasheet HTML 103Page - Renesas Technology Corp M16C/5M Datasheet HTML 104Page - Renesas Technology Corp M16C/5M Datasheet HTML 105Page - Renesas Technology Corp M16C/5M Datasheet HTML 106Page - Renesas Technology Corp M16C/5M Datasheet HTML 107Page - Renesas Technology Corp M16C/5M Datasheet HTML 108Page - Renesas Technology Corp M16C/5M Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 105 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Figure 5.17
I/O Timing of Serial Bus Interface (Synchronous Communication Mode)
Figure 5.18
Switching Characteristic Measurement Circuit
VIH or VOH
SSCK
SSO (output)
SSI (input)
VIL or VOL
t w(SSCKL)
t w(SSCKH)
t c(SSCK)
t d(SSCK-SSIO)
t su(SSIO-SSCK)
t h(SSCK-SSIO)
30 pF
Pin to be
measured
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com