Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/5M Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M16C/5M
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/5M Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M16C/5M Datasheet HTML 115Page - Renesas Technology Corp M16C/5M Datasheet HTML 116Page - Renesas Technology Corp M16C/5M Datasheet HTML 117Page - Renesas Technology Corp M16C/5M Datasheet HTML 118Page - Renesas Technology Corp M16C/5M Datasheet HTML 119Page - Renesas Technology Corp M16C/5M Datasheet HTML 120Page - Renesas Technology Corp M16C/5M Datasheet HTML 121Page - Renesas Technology Corp M16C/5M Datasheet HTML 122Page - Renesas Technology Corp M16C/5M Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 119 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
K-Version
5.4
Electrical Characteristics (K-Version, Common to 3 V and 5 V)
5.4.1
Absolute Maximum Rating
Note:
1.
Maximum value is 6.5 V.
Table 5.49
Absolute Maximum Ratings
Symbol
Characteristic
Condition
Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.5
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.5
V
VREF
Analog reference voltage
−0.3 to V
CC + 0.1
(1)
V
VI
Input voltage P0_0 to P0_7, P1_0 to
P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to
P6_7, P7_0 to P7_7, P8_0
to P8_7, P9_0 to P9_7,
P10_0 to P10_7
XIN, RESET, CNVSS,
VREF
-0.3 to VCC + 0.3
V
VO
Output
voltage
P0_0 to P0_7, P1_0 to
P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to
P6_7, P7_0 to P7_7, P8_0
to P8_7, P9_0 to P9_7,
P10_0 to P10_7
XOUT
-0.3 to VCC + 0.3
V
Pd
Power consumption
-40°C ≤ Topr ≤ 85°C
300
mW
85°C < Topr ≤ 125°C
250
mW
Topr
Operating
temperature
range
While CPU operation
-40 to 125
°C
While flash memory
program and erase
operation
Programming area
0 to 60
Data area
-40 to 125
Tstg
Storage temperature range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com