Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 9Page - Texas Instruments TLC5960 Datasheet HTML 10Page - Texas Instruments TLC5960 Datasheet HTML 11Page - Texas Instruments TLC5960 Datasheet HTML 12Page - Texas Instruments TLC5960 Datasheet HTML 13Page - Texas Instruments TLC5960 Datasheet HTML 14Page - Texas Instruments TLC5960 Datasheet HTML 15Page - Texas Instruments TLC5960 Datasheet HTML 16Page - Texas Instruments TLC5960 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
R
S
D1
G1
S1
VADJ
V
0.6VTYP
REF
VREG5
On/Off
Control
Channel1
10%to100%
Dimming
Area
0.7
0.6
0.06
0
0.12
1.2
1.4
VADJ(V)
IfVADJ<1.4V,thenI
=
LED
VADJ/2
R
S
IfVADJ>1.4V,thenI
=
LED
0.6V
R
S
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
CONSTANT CURRENT CONTROL: PWM AND ANALOG DIMMING
The dedicated FET gate drivers help regulate the constant currents on the LED strings, as shown in Figure 15. A
sense resistor (RS) sets the constant current value on the corresponding LED channel. The gate driver regulates
this source node (Sn) voltage to be the same as the internal reference voltage (VREF). The default setting of VREF
is 0.6V. This internal reference voltage can be configured through the external input, VADJ. This function can be
used as a linear or analog dimming function for all LED strings simultaneously. As shown in Figure 16, the
TLC5960 uses halved VADJ input as the internal VREF. If VADJ is greater than 1.4V, the internal VREF falls back
to the typical 0.6V (100% analog dimming). Here, 1.4V is a positive-going threshold and is designed to have
100mV negative-going hysteresis as a noise margin. The VREF fallback mechanism is also applied in case VADJ
= open. The analog dimming linearity range is specified from 10% to 100%.
Figure 15. Constant Current Drive Amplifier
Figure 16. VADJ vs Internal Reference Voltage
The constant current value in the LED strings is set using the following equations:
(1)
(2)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com