Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB9-USB-F Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # DB9-USB-F
Description  DB9-USB-RS232 Module Male & Female
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DB9-USB-F Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button DB9-USB-F Datasheet HTML 19Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 20Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 21Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 22Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 23Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 24Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 25Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 26Page - Future Technology Devices International Ltd. DB9-USB-F Datasheet HTML 27Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Copyright © 2010 Future Technology Devices International Limited
25
Document Reference No.: FT_000204
DB9-USB-RS232 Datasheet
Version 1.2
Clearance No.: FTDI# 130
DTE Pin Number
Signal Name
DTE Pin Number
2
RXD = Receive Data
3
3
TXD = Transmit Data
2
4
DTR = Data Terminal Ready
6
5
GND = RS232 signal ground
5
6
DSR = Data Set Ready
4
7
RTS = Request To Send
8
8
CTS = Clear To Send
7
Table B.2 – RS232 DTE to DTE connection with null-modem wiring
Note that the DB9-USB-RS232-M is not a DB9-USB-RS232-F with its pins latterly inverted; there is a
“null-modem” wiring configuration present in the DB9-USB-RS232-M module. This means that a DB9-
USB-RS232-M is not pin compatible with a female footprint when placed on the underneath side of the
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com