Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DAR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DAR
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DAR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5960DAR Datasheet HTML 15Page - Texas Instruments TLC5960DAR Datasheet HTML 16Page - Texas Instruments TLC5960DAR Datasheet HTML 17Page - Texas Instruments TLC5960DAR Datasheet HTML 18Page - Texas Instruments TLC5960DAR Datasheet HTML 19Page - Texas Instruments TLC5960DAR Datasheet HTML 20Page - Texas Instruments TLC5960DAR Datasheet HTML 21Page - Texas Instruments TLC5960DAR Datasheet HTML 22Page - Texas Instruments TLC5960DAR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
IfVADJ<1.4V,thenV
=
FOD
VADJ
4
(V)
IfVADJ>1.4V,thenV
=0.3V
FOD
Sn
VADJ
Failure
Recognition
Logic
Routine
ErrorDetection
Comparator
ComparisonVoltage:
FETShort=0.9Vtyp
FETOpen=0.3Vtyp
EN
V
LED
FETOpen
(FOD)
FETShort
(FSD)
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
FET OPEN DETECTION (FOD) AND FET SHORT DETECTION (FSD)
The TLC5960 monitors the source terminal of the FETs to detect any abnormal status of the external FETs, as
shown in Figure 22. In case a FET is open (FOD), the source node stays at a lower level, even if the TLC5960
drives the gate voltage higher and higher. To detect this error status, the default threshold is set to 0.3V. The
TLC5960 automatically adjusts the detection threshold internally, as described in Equation 6 and Equation 7,
depending on the analog dimming setting.
(6)
(7)
The FET short detection (FSD) detects overvoltage sensed at the source node. This failure mode usually implies
that the overcurrent is in the entire system and it may induce a critical situation because of potential
thermal-related issues. The TLC5960 always monitors the FSD threshold to keep the entire system safe. The
detection threshold is typically set at 0.9V.
In the case of FOD, the TLC5960 shuts off the failed LED string(s) and automatically separates the failed
string(s) from the operating strings. In the case of FSD, the TLC5960 normal function already shut off the failed
LED string(s), and then the TLC5960 delivers the failure notification signal through the XFLT output buffer. If the
failure phenomenon is removed, the FSD is automatically recovered, unlike LOD, LSD, and FOD, as shown in
Table 2.
Figure 22. TLC5960 Source Terminal Sensing to Protect FET Failure
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com