Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECLLQFP32EVB Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECLLQFP32EVB
Description  Evaluation Board Manual for High Frequency LQFP32
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECLLQFP32EVB Datasheet(HTML) 2 Page - ON Semiconductor

  ECLLQFP32EVB Datasheet HTML 1Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 2Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 3Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 4Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 5Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 6Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 7Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 8Page - ON Semiconductor ECLLQFP32EVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ECLLQFP32EVB
http://onsemi.com
2
Figure 2. Bottom View of the 32-lead LQFP Evaluation Board
Bottom View
Enlarged Bottom View
Figure 3. Evaluation Board Lay-up
LAY-UP DETAIL
4 LAYER
LAYER 1 (TOP SIDE) 1 OZ
ROGERS 4003 0.008 in
LAYER 2 (GROUND PLANE P1) 1 OZ
FR-4 0.020 in
LAYER 3 (GROUND, VCC & VEE, PLANE P2) 1 OZ
FR-4 0.025 in
LAYER 4 (BOTTOM SIDE) 1 OZ
SILKSCREEN (TOP SIDE)
0.062
$ 0.007
Board Layout
The 32-lead LQFP evaluation board was designed to be
versatile and accommodate several different configurations.
The input, output, and power pin layout of the evaluation
board is shown in Figures 4 and 5. The evaluation board has
at least thirteen possible configurable options. Table 1, list
the devices and the relevant configuration that utilizes this
PCB board. Lists of components and simple schematics are
located in Figures 6 through 18. Place SMA connectors on
J1 through J32, 50
W chip resistors between ground pad and
Pin 1 pad through Pin 32 pad, and chip capacitors C1 through
C5 according to configuration figures. (C4 and C5 are 0.01
mF and C1, C2, and C3 are 0.1 mF); (See Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com