Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM60 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM60
Description  Compatible with PCI Express Mini Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM60 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  MM60 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0147-3
2/6
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
MM60 - 52 B 1 - E 1
Series
Height, Modification code
Contact finish
1: Au plating (0.1um)
Socket type
No. of contacts
Ordering Information
Materials and Finishes
Components
Materials/ Finishes
Contact
Copper alloy/ contact area: Au plating over Ni
terminal area: Au flash over Ni
Insulator
Heat resistant material (UL94V-0)
Hold down
Copper alloy/ Sn plating
Contact
Stainless steel/ Sn plating
Insulator
Heat resistant material (UL94V-0)
Connector
Latch
Key type
MM60 - EZ H059 - B 5
Series
With boss
5: Sn plating
Applicable connector height
Latch type
Connector
Latch
Height 1
MM60-52B1-B1
MM60-EZH039-B5
Height 2
MM60-52B1-E1
MM60-EZH059-B5
Latch
Connector
Combination



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com