Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451Q Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 53Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
Sensors
Freescale Semiconductor
49
MMA8451Q
Table 74. Accelerometer Output Data
14-bit Data
Range ±2g (0.25 mg)
Range ±4g (0.5 mg)
Range ±8g (1.0 mg)
01 1111 1111 1111
1.99975g
+3.9995g
+7.999g
01 1111 1111 1110
1.99950g
+3.9990g
+7.998g
……
…
…
00 0000 0000 0001
0.00025g
+0.0005g
+0.001g
00 0000 0000 0000
0.00000g
0.00000g
0.000g
11 1111 1111 1111
-0.00025g
-0.0005g
-0.001g
……
…
…
10 0000 0000 0001
-1.99975g
-3.9995g
-7.999g
10 0000 0000 0000
-2.00000g
-4.0000g
-8.000g
8-bit Data
Range ±2g (15.6 mg)
Range ±4g (31.25 mg)
Range ±8g (62.5 mg)
0111 1111
1.9844g
+3.9688g
+7.9375g
0111 1110
1.9688g
+3.9375g
+7.8750g
……
…
…
0000 0001
+0.0156g
+0.0313g
+0.0625g
0000 0000
0.000g
0.0000g
0.0000g
1111 1111
-0.0156g
-0.0313g
-0.0625g
……
…
…
1000 0001
-1.9844g
-3.9688g
-7.9375g
1000 0000
-2.0000g
-4.0000g
-8.0000g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com