Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2015234-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2015234-2
Description  Quad Small Form- factor Pluggable (QSFP) Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2015234-2 Datasheet(HTML) 2 Page - Tyco Electronics

  2015234-2 Datasheet HTML 1Page - Tyco Electronics 2015234-2 Datasheet HTML 2Page - Tyco Electronics 2015234-2 Datasheet HTML 3Page - Tyco Electronics 2015234-2 Datasheet HTML 4Page - Tyco Electronics 2015234-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Quad Small Form-factor Pluggable
(QSFP) Products
2
Connector/Cage Application
Part Number
1761987-9
• Tape and reel packaged for pick
and place SMT processing
• 38 position
EVERCLEAR connector
• Designed to optimize
signal integrity through 10 Gb/s
PRODUCT APPLICATION
CONNECTOR
Connector (front)
Connector (bottom)
CAGES
• Proven springs and gasket
designs for EMI containment
• Single and dual lightpipes
• Riding heatsinks for thermal
dissipation, various fin heights
available
• Belly-to-belly compatible
(double-sided PCB’s)
• Press-fit termination
• Port-to port spacing-21.0mm
(through-bezel)/23.5 (behind-bezel)
Note: Part Numbers are RoHS Compliant.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com