Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # TL431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL431 Datasheet(HTML) 5 Page - Diodes Incorporated

  TL431 Datasheet HTML 1Page - Diodes Incorporated TL431 Datasheet HTML 2Page - Diodes Incorporated TL431 Datasheet HTML 3Page - Diodes Incorporated TL431 Datasheet HTML 4Page - Diodes Incorporated TL431 Datasheet HTML 5Page - Diodes Incorporated TL431 Datasheet HTML 6Page - Diodes Incorporated TL431 Datasheet HTML 7Page - Diodes Incorporated TL431 Datasheet HTML 8Page - Diodes Incorporated TL431 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL431/TL432
ADJUSTABLE PRECISION SHUNT REGULATOR
TL431/432
Document number: DS35050 Rev. 2 - 2
5 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics
2400
2420
2440
2460
2480
2500
2520
2540
2560
2580
2600
-55
-35
-15
5
25
45
65
85
105 125
T Free Air Temperature ( C)
R eference Voltage vs. Free Air Temperature
A
°
I
= 10mA
V
= V
T = 25 C
KA
KA
REF
A
°
0
0.05
0.1
0.15
0.2
-55
-35
-15
5
25
45
65
85
105 125
T Free Air Temperature ( C)
Reference Current vs. Free Air Temperature
A
°
R1 = 10K
R2 =
I
= 10mA
Ω
∞
KA
-100
-50
0
50
100
150
-2
-1
0
12
3
V
Cathode Voltage (V)
C athode Current vs. C athode Voltage
KA
V
= V
T = 25 C
KA
REF
A
°
-100
0
100
200
-2
-1
0
12
3
V
Cathode Voltage
Cathode Current vs. C athode Voltage
KA
IKMIN
V
= V
T = 25 C
KA
REF
A
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com