Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2805S/ES Datasheet(PDF) 1 Page - International Rectifier

Part # AHF2805S/ES
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S/ES Datasheet(HTML) 1 Page - International Rectifier

  AHF2805S/ES Datasheet HTML 1Page - International Rectifier AHF2805S/ES Datasheet HTML 2Page - International Rectifier AHF2805S/ES Datasheet HTML 3Page - International Rectifier AHF2805S/ES Datasheet HTML 4Page - International Rectifier AHF2805S/ES Datasheet HTML 5Page - International Rectifier AHF2805S/ES Datasheet HTML 6Page - International Rectifier AHF2805S/ES Datasheet HTML 7Page - International Rectifier AHF2805S/ES Datasheet HTML 8Page - International Rectifier AHF2805S/ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
03/09/10
www.irf.com
1
HYBRID-HIGH RELIABILITY
DC-DC CONVERTER
AHF28XX SERIES
Description
Features
AHF
28V Input, Single and Dual Output
The proprietary magnetic feedback circuit provides for
an extremely wide bandwidth control loop with a high
phase margin. The closed loop frequency response of
this converter family extends to approximately 50KHz,
resulting in superior line and load transient characteristics.
This feedback method is also inherently temperature
and radiation insensitive. This gives the AHF Series
an important advantage over converters that incorporate
opto-couplers in their design.
The AHF Series of DC-DC converters feature single or
dual outputs over the full military temperature range.
No derating in output power is required, making them
suitable for use in rugged military applications. The
low profile, small outline package is ideally suited to
the tight board space requirements of many industrial
and aerospace applications. Designed for nominal
28Vdc inputs, this family of converters will meet the
requirements of MIL-STD-704D. The basic circuit
utilizes a pulse width modulated, feed-forward topology
at a nominal switching frequency of 550KHz. Input to
output isolation is achieved through the use of
transformers in the forward and feedback circuits.
Extensive computer simulation using complex modeling
enables rapid design modification to be provided.
Contact IR San Jose with specific requirements.
n 16V to 40VDC Input Range (28 VDC Nominal)
n Single and Dual Outputs
n 12W Output Power
n 22.8W/in3 Power Density
n Low Input / Output Noise
(50mA/60mVp-p max. respectively)
n Indefinite Short Circuit and Overload Protection
n Wideband Control Loop for Superior Transient
Characterstics
n No derating for -55°C to +125°C Operation
n Constant Switching Frequency (550KHz Nominal)
n Standard Microcircuit Drawings Available
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations are electrical, mechanical and screening
can be accommodated.
PD-94541D


Similar Part No. - AHF2805S/ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF2805S/ES IRF-AHF2805S/ES Datasheet
148Kb / 17P
28V Input, Single and Dual Output
More results

Similar Description - AHF2805S/ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com