Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2817 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2817
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2817 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2817 Datasheet HTML 2Page - New Japan Radio NJM2817 Datasheet HTML 3Page - New Japan Radio NJM2817 Datasheet HTML 4Page - New Japan Radio NJM2817 Datasheet HTML 5Page - New Japan Radio NJM2817 Datasheet HTML 6Page - New Japan Radio NJM2817 Datasheet HTML 7Page - New Japan Radio NJM2817 Datasheet HTML 8Page - New Japan Radio NJM2817 Datasheet HTML 9Page - New Japan Radio NJM2817 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2817
- 7 -
Ver.2010-07-12
NJM2817_5.0V
Ripple Rejection Ratio vs.Frequency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Frequency :f(kHz)
Io=0A
Io=500mA
@:Ta=25°C
VIN=6.0V
ein=200mVrms
Cin=4.7µF(Cera)
Co=4.7µF(Cera)
Io=2000mA
NJM2817_5.0V
Load Regulation vs.Output Current
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
Output Current : Io (mA)
@:Ta=25°C
Vin=6.0V
Co=4.7µF(Ceramic)
NJM2817_5.0V
Peak Output Current vs.Input Voltage
0
1
2
3
4
5
6
7
8
6
7
8
9
10
11
12
Input Voltage : VIN (V)
@:Ta=25°C
Vo=4.5V
Co=4.7µF(Ceramic)
NJM2817_5.0V
Quiesient Current vs.Input Voltage
0
500
1000
1500
2000
02
46
8
10
12
Input Voltage:VIN (V)
@:Ta=25°C
Output is open
Co=4.7µF(Ceramic)
Inculding Icont
NJM2817_5.0V
Output Noize Voltage vs.Output Current
0
20
40
60
80
100
0.001
0.1
10
1000
Output Current :Io(mA)
@Ta=25°C
VIN=6.0V
Cin=4.7µF(Ceramic)
Co=4.7µF(Ceramic)
LPH:80kHz
NJM2817_5.0V
Ripple Rejection Ratio vs.Frequency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Frequency :f(kHz)
Io=0A
Io=500mA
@:Ta=25°C
VIN=6.0V
ein=200mVrms
Cin=4.7µF(Ceramic)
Co=4.7µF(Ceramic)
Io=2000mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com