Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2827 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2827
Description  Negative Output Low Drop Out voltage regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2827 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2827 Datasheet HTML 2Page - New Japan Radio NJM2827 Datasheet HTML 3Page - New Japan Radio NJM2827 Datasheet HTML 4Page - New Japan Radio NJM2827 Datasheet HTML 5Page - New Japan Radio NJM2827 Datasheet HTML 6Page - New Japan Radio NJM2827 Datasheet HTML 7Page - New Japan Radio NJM2827 Datasheet HTML 8Page - New Japan Radio NJM2827 Datasheet HTML 9Page - New Japan Radio NJM2827 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2827
- 7 -
Ver.2010-07-13
TYPICAL CHRACTERISTICS
6.7
6.8
6.9
7
7.1
7.2
6.7
6.8
6.9
7
7.1
7.2
7.3
7.4
7.5
Input Voltage : V IN(V)
NJM2827/-7.0V
Output Voltage vs. Input Voltage
@:Ta=25
oC
Co=1.0uF
(Ceramic)
Io=0A
Io=30mA
Io=100mA
0
1
2
3
4
5
6
7
8
0
50
100
150
200
NJM2827/-7.0V
Output Voltage vs. Output Current
@:Ta=25
oC
VIN=-8.0V
Co=1.0uF(Ceramic)
Output Current : Io(mA)
0
5
10
15
20
050
100
150
NJM2827/-7.0V
Ground Pin Current v.s. Output Current
@:Ta=25
oC
VIN=-8.0V
Co=1.0uF(Ceramic)
Output Current : I O(mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
050
100
150
Output Current:Io(mA)
@:Ta=25
oC
Co=1.0uF(Ceramic)
NJM2827/-7.0V
Dropout Voltage vs. Output Current
-80
-70
-60
-50
-40
-30
-20
-10
0
050
100
150
200
Output Current : Io(mA)
NJM2827/-7.0V
Load Regulation vs. Output Current
@:Ta=25
oC
VIN=-8.0V
Co=1.0uF(Ceramic)
0
50
100
150
200
8
9
10
11
12
13
14
NJM2827/-7.0V
Peak Output Current vs. Input Voltage
@:Ta=25
oC
Co=1.0uF(Ceramic)
Input Voltage : V IN(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com