Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4800 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4800
Description  30V/4A Half Bridge Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4800 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4800 Datasheet HTML 3Page - New Japan Radio NJW4800 Datasheet HTML 4Page - New Japan Radio NJW4800 Datasheet HTML 5Page - New Japan Radio NJW4800 Datasheet HTML 6Page - New Japan Radio NJW4800 Datasheet HTML 7Page - New Japan Radio NJW4800 Datasheet HTML 8Page - New Japan Radio NJW4800 Datasheet HTML 9Page - New Japan Radio NJW4800 Datasheet HTML 10Page - New Japan Radio NJW4800 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NJW4800
- 7 -
Ver.2010-09-29
TYPICALAPPLICATIONS
GND
V
+
VOUT
STBY
PWM
FLT
OUT
BS
REG
NJW4800
VDD
FAULT
PWM Signal
PWM
Controller
(NJU7600)
CREG
=1
µF
Stand-by
CBS=0.1µF
RFLT
=47k
Ω
CIN=100µF
CP=1µF
Synchronous PWM step down switching regulator
GND
STBY
PWM
FLT
OUT
BS
REG
NJW4800
VDD
FAULT
PWM
Signal
Stand-by
CBS=0.1µF
CREG
=1µF
RFLT
=47kΩ
V
+
CIN=100µF
CP=1µF
Class-D single ended audio amplifier
GND
4
STBY
PWM
FLT
OUT
REG
NJW4800
VDD
GND
STBY
PWM
FLT
OUT
BS
REG
NJW4800
VDD
Digital
Audio
Signal
FAULT
PWM Signal
Stand-by
FAULT
PWM Signal
Stand-by
BS
V
+
CIN=100µF
CP=1µF
V
+
CIN=100µF
CP=1µF
GND
STBY
PWM
FLT
OUT
BS
REG
NJW4800
VDD
GND
STBY
PWM
FLT
OUT
BS
REG
NJW4800
VDD
PWM
Signal
M
FAULT
PWM Signal
Stand-by
FAULT
PWM Signal
Stand-by
V
+
CIN=100µF
CP=1µF
V
+
CIN=100µF
CP=1µF
Class-D full bridge audio amplifier
Full bridge motor driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com