Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMA2815S/CH Datasheet(PDF) 4 Page - International Rectifier

Part # AMA2815S/CH
Description  HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2815S/CH Datasheet(HTML) 4 Page - International Rectifier

  AMA2815S/CH Datasheet HTML 1Page - International Rectifier AMA2815S/CH Datasheet HTML 2Page - International Rectifier AMA2815S/CH Datasheet HTML 3Page - International Rectifier AMA2815S/CH Datasheet HTML 4Page - International Rectifier AMA2815S/CH Datasheet HTML 5Page - International Rectifier AMA2815S/CH Datasheet HTML 6Page - International Rectifier AMA2815S/CH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
AMA28XXS Series
Dynamic Characteristics -55°C ≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
1. Parameter guaranteed by line and load regulation tests.
2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz.
3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of
the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing
as a short circuit during turn on.
4. Parameter shall be tested as part of design characterization and after design or process changes. Parameters shall be guaranteed
to the limit specified in Electrical Specifications.
5. Load step transition time between 2 and 10 microseconds.
6. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1 % of VOUT at 50 percent load.
7. Input step transition time between 2 and 10 microseconds.
8. Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin while power is applied to the input.
Notes to Specifications
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Short Circuit Recovery
4
4, 5, 6
0% load to 100% load
25
ms
Switching Frequency
4, 5, 6
100% load
500
550
600
KHz
Output Response To Step
Transient Load Changes
8
4, 5, 6
4, 5, 6
Load step 50%
Ù 100%
Load step 0%
Ù 50%
-450
-750
+450
+750
mVpk
Recovery Time, Step Transient
Load Changes
5, 6
AMA2805S
AMA2812S
AMA2815S
AMA2805S
AMA2812S
AMA2815S
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Load step 50%
Ù 100%
Load step 0%
Ù 50%
300
100
100
2000
2000
2000
µs
Output Response Transient Step
Line Changes
4, 7
AMA2805S
AMA2812S
AMA2815S
4, 5, 6
4, 5, 6
4, 5, 6
Input step 16
Ù 40Vdc,
100% load
-550
-750
-750
+550
+750
+750
mVpk
Recovery Time Transient Step
Line Changes
4, 6, 7
4, 5, 6
Input step 16
Ù 40Vdc,
100% load
1200
µs
Turn On Overshoot
8
AMA2805S
4, 5
6
100% load
600
750
mVpk
Turn On Overshoot
8
AMA2812S
AMA2815S
4, 5, 6
0 to 100% load
600
mVpk
Turn On Delay
8
4, 5, 6
0% load to 100% load
25
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com