Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMH461F/CH Datasheet(PDF) 1 Page - International Rectifier

Part # AMH461F/CH
Description  EMI FILTER HYBRID / HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMH461F/CH Datasheet(HTML) 1 Page - International Rectifier

  AMH461F/CH Datasheet HTML 1Page - International Rectifier AMH461F/CH Datasheet HTML 2Page - International Rectifier AMH461F/CH Datasheet HTML 3Page - International Rectifier AMH461F/CH Datasheet HTML 4Page - International Rectifier AMH461F/CH Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.irf.com
1
EMI FILTER
HYBRID / HIGH RELIABILITY
Description
n Up to 2.0 A Output Current
n Attenuation > 60dB @ 500 KHz
n Low Profile Seam Welded Package
n Ceramic Insulated Copper Core Pins
n Operation Over Full Military Temp. Range
n No Derating for -55°C to +125°C
Features
AMH
Typical Connection Diagram
The AMH Series EMI filter has been designed to provide
full compliance with the input line reflected ripple current
requirement specified by CE03 of MIL-STD-461C over
the full military temperature range while operating in
conjunction with the corresponding AHF series of DC/
DC converters. These filters are offered as part of a
family of high reliability conversion products providing
single, dual and triple output voltages while operating
from nominal +28 volt input line. Other converters
operating with a similar switching frequency will also
benefit by use of this device.
These EMI filters are hermetically packaged in a seam
welded enclosure utilizing axially oriented copper-core
pins which minimize resistive DC losses. This package
has been configured to complement the AHF package
as a convenience in system installation and is fabricated
with International Rectifier’s rugged ceramic lead-to-
package seal assuring long term hermetic seal integrity
in harsh environments.
Designed to meet the derating requirements of military
and aerospace use, these devices are manufactured
in a facility fully qualified to MIL-PRF-38534, and are
available in two screening grades. The CH grade
intended for flight use is fully compliant to the
requirements of MIL-PRF-38534 for class H. The HB
grade is processed and screened to the class H
requirements, but does not include element
evaluation. The ES grade is processed and
screened to a lower grade requirement. Class
CH grade and class HB grade are tested to meet
the complete group “A” test specification over
the full military temperature range with no
derating. Variations in electrical, mechanical and
screen requirements can be accommodated.
Contact IR Santa Clara for special requirements.
06/09/04
AMH461 SERIES
AMH461/CH
EMI Filter
AHF28XX/CH
(or Other)
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
R
L
R
L
System
Bus
AHF28XX/CH
(or Other)
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
PD-94587


Similar Part No. - AMH461F/CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMH461 IRF-AMH461 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
More results

Similar Description - AMH461F/CH

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME28461 IRF-AME28461 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com