Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMH461F/HB Datasheet(PDF) 4 Page - International Rectifier

Part # AMH461F/HB
Description  EMI FILTER HYBRID / HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMH461F/HB Datasheet(HTML) 4 Page - International Rectifier

  AMH461F/HB Datasheet HTML 1Page - International Rectifier AMH461F/HB Datasheet HTML 2Page - International Rectifier AMH461F/HB Datasheet HTML 3Page - International Rectifier AMH461F/HB Datasheet HTML 4Page - International Rectifier AMH461F/HB Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.irf.com
AMH461 Series
Available Screening Levels and Process Variations for AMH461 Series
AMH461 Block Diagram
1
5
3
2
4
+Input
- Input
+ Output
- Output
Case
Requirement
MIL-STD-883
Method
/CH
Suffix
/HB
Suffix
/ES
Suffix
Temperature Range
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
Yes
Yes
Yes
Temperature Cycle
1010
Cond C
Cond C
Cond B
Constant Acceleration
2001
Cond A
Cond A
500g
Burn-in
Interim Electrical @ 0 hrs
1015
160 hrs @ 125°C
160 hrs @ 125°C
96 hrs @ 125°C
Final Electrical (Group A)
Read & Record Data
MIL-PRF-38534
& Specification
-55°, +25°, +125°C -55°, +25°, +125°C
+25°C
PDA (25°C, interim to final)
10%
10%
Seal, Fine & Gross
1014
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
Yes
Yes
Yes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com