Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR2805S/CH Datasheet(PDF) 6 Page - International Rectifier

Part # AMR2805S/CH
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2805S/CH Datasheet(HTML) 6 Page - International Rectifier

  AMR2805S/CH Datasheet HTML 1Page - International Rectifier AMR2805S/CH Datasheet HTML 2Page - International Rectifier AMR2805S/CH Datasheet HTML 3Page - International Rectifier AMR2805S/CH Datasheet HTML 4Page - International Rectifier AMR2805S/CH Datasheet HTML 5Page - International Rectifier AMR2805S/CH Datasheet HTML 6Page - International Rectifier AMR2805S/CH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.irf.com
AMR28XXS Series
Mechanical Outline
Pin Designation
Radiation Specification
Parameter
Conditions
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
30
KRads
(Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
MeV
•cm
2
/mg
2.14
0.410
Max
0.220
0.050
0.800
1.200
1.600
0.400
0.040 D x 0.26 L Pins
R 0.15 Typ
Ø 0.125
3 Places
2.440
1.230
1.53
0.420
2.74
Ref
0.150
Typ
Tolerance unless otherwise specified:
x.xx
±0.010
x.xxx ±0.005
Pin #
Designation
1
+ Input
2
Input Return
3
Enable
4
Blank
5
Case Ground
6
Sense Return
7
Output Return
8
+ Output
9
+ Sense
10
Sync Input
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com