Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARH2802R5S/CK Datasheet(PDF) 9 Page - International Rectifier

Part # ARH2802R5S/CK
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2802R5S/CK Datasheet(HTML) 9 Page - International Rectifier

Back Button ARH2802R5S/CK Datasheet HTML 4Page - International Rectifier ARH2802R5S/CK Datasheet HTML 5Page - International Rectifier ARH2802R5S/CK Datasheet HTML 6Page - International Rectifier ARH2802R5S/CK Datasheet HTML 7Page - International Rectifier ARH2802R5S/CK Datasheet HTML 8Page - International Rectifier ARH2802R5S/CK Datasheet HTML 9Page - International Rectifier ARH2802R5S/CK Datasheet HTML 10Page - International Rectifier ARH2802R5S/CK Datasheet HTML 11Page - International Rectifier ARH2802R5S/CK Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
ARH28XXS Series
When an external frequency source is not available, an
internal clock signal is provided through appropriate
buffering at the sync out port. This port can drive a
minimum of 3 ARH sync in ports thereby allowing all to
operate at the same clock frequency.
Output Short Circuit Protection
Protection against accidental short circuits on the output
is provided in the ARH28XXS converter. This protection is
implemented by sensing primary switching current and
reducing the switching pulse widths when a short occurs.
The output current is therefore limited to a maximum value,
which protects the converter. Under this condition the
internal power dissipation is nearly the same as for
maximum loading.
Input Undervoltage Protection
Input Filter
Figure III. Input Filter
EMI Filtering
Output Noise
Although the internal filtering provided at both input and
output terminals of the ARH series converters is sufficient
for most applications, some critical applications may
require additional filtering in order to accommodate particular
system requirements.
While the internal input filter maintains input ripple current
below 50 mA
p-p,
an external filter can be applied to further
attenuate this ripple to a level below the CE03 limits imposed
by MIL-STD-461. International Rectifier currently supplies
such a filter housed in a complementary package. The
catalog number of this part is ARF461.
When attempting noise measurement at the output of
switching converters, measurement techniques employed
can have a significant influence on results during these
tests. Any noise measurements should be undertaken
only with test leads dressed as close to the device output
pins as is physically possible. Probe ground leads should
be kept to a minimum (<< 1") length to minimize the influence
of parasitic impedances on results.
To attenuate input ripple current, the ARH28XXS series
converters incorporate a two-stage LC input filter illustrated
in Figure III following. The elements of this filter comprise
the dominant input load impedance characteristic, and
therefore determine the nature of the current inrush at
turn-on.
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to a nominal value
of 16.8 volts. To preclude the possibility of noise or other
voltage variations at the input falsely initiating and halting
converter operation, a hysteresis of approximately 1.0
volts is incorporated into this circuit. The converter is
guaranteed to operate at 18 Volts input under all specified
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com