Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARH2805S/CK Datasheet(PDF) 10 Page - International Rectifier

Part # ARH2805S/CK
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805S/CK Datasheet(HTML) 10 Page - International Rectifier

Back Button ARH2805S/CK Datasheet HTML 4Page - International Rectifier ARH2805S/CK Datasheet HTML 5Page - International Rectifier ARH2805S/CK Datasheet HTML 6Page - International Rectifier ARH2805S/CK Datasheet HTML 7Page - International Rectifier ARH2805S/CK Datasheet HTML 8Page - International Rectifier ARH2805S/CK Datasheet HTML 9Page - International Rectifier ARH2805S/CK Datasheet HTML 10Page - International Rectifier ARH2805S/CK Datasheet HTML 11Page - International Rectifier ARH2805S/CK Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
ARH28XXS Series
Radiation Performance
The radiation tolerance characteristics inherent in the
ARH28XXS converters are a result of a carefully planned
ground-up design program with specific radiation design
goals. Identification of the general circuit topology, a
fundamental task in the design effort, was followed by
selection of appropriate elements from a list of devices for
which extensive radiation effects data was available. By
imposing sufficiently large margins on those electrical
parameters showing the worst case degrading effects of
radiation, designers were able to select appropriate
elements for incorporation into the circuit. Existing radiation
data was utilized for input to PSPICE and RadSPICE in the
generation of circuit performance verification analyses.
Thus, electrical performance capability under all
environmental conditions including radiation was well
understood before first application of power to the inputs.
The following table specifies guaranteed minimum radia-
tion exposure levels tolerated while maintaining specifica-
tion limits.
A principal design goal was achieving a converter topol-
ogy that, because of large design margins, had radiation
performance essentially independent of radiation induced
element-lot performance variations. Where such margins
cannot be assured, element lots are either selected fol-
lowing RLAT characterization as radiation hard devices
or, purchased as radiation hard devices so that realization
of the design goals are maintained.
.
Test
Conditions
Min
Typ
Max
Unit
Total Ionizing Dose
(2:1 Margin)
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
100
500
Krads
(Si)
Dose Rate
Temporary Saturation
Survival
MIL-STD-883, Method 1021
1E8
1E11
Rads
(Si)/sec
Heavy Ions
(Single event effects)
BNL Dual Van de Graf Generator
83
MeV•
cm²/mg
Radiation Specification T
case
= 25°C
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
* Group B quantity for option 2 End of Line QCI. No Group B samples required for Option 1, In-line.
Inspection
Application
Samples
Group A
Part of Screening on Each Unit
100%
Group B
Each Inspection Lot
* 5 units
Group C
First Inspection Lot or
Following Class 1 Change
10 units
Group D
In Line (Part of Element Evaluation)
3 units
Standard Quality Conformance Inspections on ARH28XXS Series (Filght Screened)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com