Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM2812T/EM Datasheet(PDF) 13 Page - International Rectifier

Part # ARM2812T/EM
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2812T/EM Datasheet(HTML) 13 Page - International Rectifier

Back Button ARM2812T/EM Datasheet HTML 5Page - International Rectifier ARM2812T/EM Datasheet HTML 6Page - International Rectifier ARM2812T/EM Datasheet HTML 7Page - International Rectifier ARM2812T/EM Datasheet HTML 8Page - International Rectifier ARM2812T/EM Datasheet HTML 9Page - International Rectifier ARM2812T/EM Datasheet HTML 10Page - International Rectifier ARM2812T/EM Datasheet HTML 11Page - International Rectifier ARM2812T/EM Datasheet HTML 12Page - International Rectifier ARM2812T/EM Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
www.irf.com
13
ARM28XXT Series
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/2006
Notes:
c Best commercial practice.
d CK is DSCC class K compliant without radiation performance. No Suffix is a radiation rated device but
not available as a DSCC qualified SMD per MIL-PRF-38534.
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
Device Screening
Requirement
MIL-STD-883 Method
No Suffix
d
CK
d
EM
Temperature Range
-55°C to +85°C
-55°C to +85°C
-55°C to +85°C
Element Evaluation
MIL-PRF-38534
Class K
Class K
N/A
Non-Destructive Bond Pull
2023
Yes
Yes
N/A
Internal Visual
2017
Yes
Yes
c
Temperature Cycle
1010
Cond C
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
3000 Gs
3000 Gs
3000 Gs
PIND
2020
Cond A
Cond A
N/A
320 hrs @ 125°C
320 hrs @ 125°C
48 hrs @ 125°C
( 2 x 160 hrs )
( 2 x 160 hrs )
Final Electrical
MIL-PRF-38534
-55°C, +25°C,
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+85°C
+85°C
+85°C
PDA
MIL-PRF-38534
2%
2%
N/A
Seal, Fine and Gross
1014
Cond A, C
Cond A, C
Cond A
Radiographic
2012
Yes
Yes
N/A
External Visual
2009
Yes
Yes
c
Burn-In
1015
ARM 28 15 T /EM
Model
Input Voltage
28 = 28V
Output Voltage
15 = 5V, ± 15V
12 = 5V, ± 12V
Output
T = Triple
Screening Level
(Please refer to Screening Table)
No Suffix, CK, EM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com