Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARH2805S/EM Datasheet(PDF) 11 Page - International Rectifier

Part # ARH2805S/EM
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805S/EM Datasheet(HTML) 11 Page - International Rectifier

Back Button ARH2805S/EM Datasheet HTML 4Page - International Rectifier ARH2805S/EM Datasheet HTML 5Page - International Rectifier ARH2805S/EM Datasheet HTML 6Page - International Rectifier ARH2805S/EM Datasheet HTML 7Page - International Rectifier ARH2805S/EM Datasheet HTML 8Page - International Rectifier ARH2805S/EM Datasheet HTML 9Page - International Rectifier ARH2805S/EM Datasheet HTML 10Page - International Rectifier ARH2805S/EM Datasheet HTML 11Page - International Rectifier ARH2805S/EM Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
ARH28XXS Series
Mechanical Outline
Pin Designation
2.400
1.400
2.700
0.150
0.275 Max
3.25 Ref.
Max
6 x 0.200
= 1.200
1.675
2.200
0.300
0.263
Ø 0.136 - 6 Holes
0.375
1.950
0.138
0.500
Max
Mounting
Plane
0.040
Pin Dia.
0.050
Flange
Note:
1. Dimensions are in inches.
2. Base Plate Mounting Plane Flatness 0.003 maximum.
3. Unless otherwise specified, tolerances are
∠
= ± 2°
.XX
= ± .01
.XXX
= ± .005
4. Device Weight - 120 grams maximum.
Pin #
Designation
1
+ Input
2
Input Return
3
Enable
4Sync In
5Sync Out
8
Chassis
9
-Sense
10
+Sense
11
+V Output
12
+V Output
13
Output Return
14
Output Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com