Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2803DF/CH Datasheet(PDF) 19 Page - International Rectifier

Part # AHF2803DF/CH
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2803DF/CH Datasheet(HTML) 19 Page - International Rectifier

Back Button AHF2803DF/CH Datasheet HTML 11Page - International Rectifier AHF2803DF/CH Datasheet HTML 12Page - International Rectifier AHF2803DF/CH Datasheet HTML 13Page - International Rectifier AHF2803DF/CH Datasheet HTML 14Page - International Rectifier AHF2803DF/CH Datasheet HTML 15Page - International Rectifier AHF2803DF/CH Datasheet HTML 16Page - International Rectifier AHF2803DF/CH Datasheet HTML 17Page - International Rectifier AHF2803DF/CH Datasheet HTML 18Page - International Rectifier AHF2803DF/CH Datasheet HTML 19Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
www.irf.com
19
AHF28XX Series
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SAN JOSE: 2520Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 03/2010
Notes:
 Best commercial practice
‚ Sample tests at low and high temperatures
ƒ -55°C to +105°C for AHE, ATO, ATW
Device Screening
Requirement
MIL-STD-883 Method
No Suffix
ES
d
HB
CH
Temperature Range
-20°C to +85°C -55°C to +125°C
e -55°C to +125°C -55°C to +125°C
Element Evaluation
MIL-PRF-38534
N/A
N/A
N/A
Class H
Non-Destructive
Bond Pull
Internal Visual
2017
c
Yes
Yes
Yes
Temperature Cycle
1010
N/A
Cond B
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
N/A
500 Gs
3000 Gs
3000 Gs
PIND
2020
N/A
N/A
N/A
N/A
Burn-In
1015
N/A
48 hrs@hi temp
160 hrs@125°C 160 hrs@125°C
Final Electrical
MIL-PRF-38534
25°C
25°C
d
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+125°C
+125°C
PDA
MIL-PRF-38534
N/A
N/A
N/A
10%
Seal, Fine and Gross
1014
Cond A
Cond A, C
Cond A, C
Cond A, C
Radiographic
2012
N/A
N/A
N/A
N/A
External Visual
2009
c
Yes
Yes
Yes
N/A
N/A
2023
N/A
N/A
AHF 28 05 S F /CH
Model
Input Voltage
Nominal
28 = 28V
Output Voltage
Single – 03R3 = 3.3V
05 = 5V
12 =12V
15 =15V
Dual – 05 = ±5V
12 = ±12V
15 = ±15V
Output
S = Single
D = Dual
Package Style
F = Flange
Blank = Non-Flanged
Screening Level
(Please refer to Screening Table)
No Suffix, ES, HB, CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com